|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 1 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series features: ? free halogens compliant ? current transfer ratio (ctr: 50~600% at i f =5ma, v ce =5v) (ctr: 63~320% at i f =10ma, v ce =5v) ? high isolation voltage between input and output (viso=5000 v rms ) ? compact 4 pin sop with a 2.0 mm profile ? 8mm long creepage distance ? pb free and rohs compliant. ? cul approved (no. e214129) ? vde approved (no. 40028391) ? semko approved schematic ? nemko approved ? demko approved ? fimko approved description pin configuration 1. anode 2. cathode 3. emitter 4. collector the el101x-g series devices consist of an infrared emitting diode, optically coupled to a phototransistor detector. compound use free halogens and sb 2 o 3. they are packaged in a 4-pin sop package. applications ? programmable controllers ? system appliances, measuring instruments ? telecommunication equipments ? home appliances, such as fan heaters, etc. ? signal transmission between circuits of different potentials and impedances
4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 2 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series absolute maximum ratings (t a =25c) parameter symbol rating unit forward current i f 60 ma peak forward current (1us, pulse) i fp 1.5 a reverse voltage v r 6 v input power dissipation p d 100 mw power dissipation p c 150 mw collector current i c 50 ma collector-emitter voltage v ceo 80 v output emitter-collector voltage v eco 7 v total power dissipation p tot 250 mw isolation voltage *1 v iso 5000 v rms operating temperature t opr -55 ~ +110 c storage temperature t stg -55 ~ +125 c soldering temperature *2 t sol 260 c notes *1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this te st, pins 1 & 2 are shorted together, and pins 3 & 4 are shorted together. *2 for 10 seconds. 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 3 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series electrical characteristics (t a =25c unless specified otherwise) input parameter symbol min. typ.* max. unit condition forward voltage v f - 1.45 1.5 v i f = 50ma reverse current i r - - 10 a v r = 6v input capacitance c in - 50 - pf v = 0, f = 1khz output parameter symbol min. typ.* max. unit condition collector-emitter dark current i ceo - - 100 na v ce = 20v, i f = 0ma collector-emitter breakdown voltage bv ceo 80 - - v i c = 0.1ma emitter-collector breakdown voltage bv eco 7 - - v i e = 0.1ma transfer characteristics (t a =25c unless specified otherwise) parameter symbol min. typ.* max. unit condition EL1010 50 - 600 el1017 80 - 160 el1018 130 - 260 el1019 ctr 200 - 400 % i f = 5ma ,v ce = 5v el1012 63 - 125 el1013 100 - 200 el1014 160 - 320 i f = 10ma ,v ce = 5v el1012 22 - - el1013 34 - - current transfer ratio el1014 ctr 56 - - % i f = 1ma ,v ce = 5v collector-emitter saturation voltage v ce(sat) - - 0.3 v i f = 10ma ,i c = 1ma isolation resistance r io 510 10 - - v io = 500vdc, 40~60% r.h. floating capacitance c io - - 1.0 pf v io = 0, f = 1mhz 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 4 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series transfer characteristics (t a =25c unless specified otherwise) turn on time ton - 4 - turn off time toff - 3 - s v ce = 5v, i c = 5ma, r l = 100 rise time t r - 2 18 s fall time t f - 3 18 s v ce = 5v, i c = 5ma, r l = 100 * typical values at t a = 25c 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 5 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series typical performance curves 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 6 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series v cc figure 10. switching time test circuit & waveforms i f i c r l r in output input pulse 10% input output pulse 90% t t r f t on t of f 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 7 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series order information part number el101x(y)-vg note el101 = part no. x = ctr rank (0, 2, 3, 4, 7, 8 or 9) y = tape and reel option (ta, tb or none). v = vde safety (optional) g = halogens free option description packing quantity none standard smd option 100 units per tube -v standard smd option + vde 100 units per tube (ta) ta tape & reel option 2000 units per reel (tb) tb tape & reel option 2000 units per reel (ta)-v ta tape & reel option + vde 2000 units per reel (tb)-v tb tape & reel option + vde 2000 units per reel everlight electronics co., ltd. 8 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 4 pin long creepage sop phototransistor photocoupler el101x-g series package drawing (dimensions in mm) recommended pad layout for surface mount leadform 4 pin long creepage sop everlight electronics co., ltd. 9 http://www.everlight.com document no dpc-0000037 rev. 1 october 9, 2009 phototransistor photocoupler el101x-g series device marking el 1015 ywwv notes el denotes everlight 1015 denotes device number y denotes 1 digit year code ww denotes 2 digit week code v denotes vde (optional) 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 10 http://www.everlight.co m document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series tape & reel packing specifications tape & reel packing specifications option ta option tb direction of feed from reel direction of feed from reel tape dimensions tape dimensions dimension no. dimension no. a a b b do do d1 d1 e e f f dimension (mm) 4.4 0.1 10.5 0.1 1.5 + 0.1/-0 1.5 0.1 1.7 5 0.1 7.5 0.1 dimension no. po p1 p2 t w k dimension (mm) 3.8 0.1 8.0 0.1 2.0 0.1 0.3 0.05 16.0 0.3 2.14 0.1 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 11 http://www.everlight.co m document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series solder reflow temperature profile 260 c (p eak 10s max ) 1 50 c 1- 3 c/s ec max 7 0 ? 17 0 s ec 2 00 c 217 c >2 55 c (30 s max ) 1- 3 c/sec m a x 60 ? 140 sec time (s) 4 pin long creepage sop phototransistor photocoupler everlight electronics co., ltd. 12 http://www.everlight.co m document no dpc-0000037 rev. 1 october 9, 2009 el101x-g series disclaimer 1. the specifications in this dat asheet may be changed without notice. everlight reserves the authority on material change for above specification. 2. when using this product, please obser ve the absolute maximum ratings and the instructions for use as outlined in this datasheet. everlight assumes no res ponsibility for any damage resulting from use of the product which does not comply with the absolute ma ximum ratings and the instructions included in this datasheet. 3. these specification sheets include materials protec ted under copyright of everlight. reproduction in any form is prohibited without t he specific consent of everlight. |
Price & Availability of EL1010 |